Part Number Hot Search : 
480515T SST440 ZHCS750 BC1602K1 2SC2706 SST440 UPC554 LF441C
Product Description
Full Text Search
 

To Download IL440-4X007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
IL440
Vishay Semiconductors
Optocoupler, Phototriac Output, Low Input Current
Features
* * * * * 400 and 600 V Blocking Voltage 5.0 mA Maximum Trigger Current Isolation Test Voltage, 5300 VRMS, t = 1.0 sec. Isolation Materials per UL94 Pin Compatible with Optocouplers IL440-1 MOC 3051 IL440-2 MOC 3052 IL440-3 MOC3053 IL440-4 MOC 3021 IL440-5 MOC 3022 IL440-6 MOC 3023
A1 C2 NC 3 6 MT2 5 NC 4 MT1
i179035
e3
Pb
Pb-free
* Lead-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
Order Information
Part IL440-1 IL440-2 IL440-3 IL440-4 IL440-5 IL440-6 IL440-1X009 IL440-2X006 IL440-3X007 IL440-3X009 IL440-4X007 IL440-4X009 IL440-5X006 Remarks 15 mA IFT, 600 V VDRM, DIP-6 10 mA IFT, 600 V VDRM, DIP-6 5.0 mA IFT, 600 V VDRM, DIP-6 15 mA IFT, 400 V VDRM, DIP-6 10 mA IFT, 400 V VDRM, DIP-6 5.0 mA IFT, 400 V VDRM, DIP-6 15 mA IFT, 600 V VDRM, SMD-6 (option 9) 10 mA IFT, 600 V VDRM, DIP-6 400 mil (option 6) 5.0 mA IFT, 600 V VDRM, SMD-6 (option 7) 5.0 mA IFT, 600 V VDRM, SMD-6 (option 9) 15 mA IFT, 400 V VDRM, SMD-6 (option 7) 15 mA IFT, 400 V VDRM, SMD-6 (option 9) 10 mA IFT, 400 V VDRM, DIP-6 400 mil (option 6) 10 mA IFT, 400 V VDRM, SMD-6 (option 9) 5.0 mA IFT, 400 V VDRM, DIP-6 400 mil (option 6) 5.0 mA IFT, 400 V VDRM, SMD-6 (option 7) 5.0 mA IFT, 400 V VDRM, SMD-6 (option 9)
Agency Approvals
* UL1577, File No. E52744 System Code H or J, Double Protection * CSA 93751 * DIN EN 60747-5-2 (VDE0884) DIN EN 60747-5-5 pending Available with Option 1 * BABT/ BSI IEC60950 IEC60065
Applications
High Current Triac Driver Solid State Relay Switch Small AC Loads
Description
The IL440 consists of a GaAs infrared emitter optically coupled to a silicon planar triac chip with a nonzero crossing network. The two semiconductors are assembled in a 6 pin dual-in-line plastic package. The output detector IL440-1, 2, 3 is capable of blocking up to 600 volts which permits control of off-line voltages up to 240 VAC. The IL440 can handle currents up to 100 mA RMS.
IL440-5X009 IL440-6X006 IL440-6X007 IL440-6X009
For additional information on the available options refer to Option Information.
Document Number 83631 Rev. 1.5, 26-Oct-04
www.vishay.com 1
IL440
Vishay Semiconductors
VISHAY
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Stresses in excess of the absolute Maximum Ratings can cause permanent damage to the device. Functional operation of the device is not implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute Maximum Rating for extended periods of the time can adversely affect reliability.
Input
Parameter Reverse voltage Forward current Surge current Power dissipation Junction temperature P.W. < 10 s Test condition Symbol VR IF IFSM Pdiss Tj Value 5.0 60 3.0 100 100 Unit V mA A mW C
Output
Parameter Peak off-state voltage Test condition Part IL440-1 IL440-2 IL440-3 IL440-4 IL440-5 IL440-6 On-state RMS current Peak surge current Peak on-state current Power dissipation Junction temperature tp 10 ms tp/T = 0.01 100 s Symbol VDRM VDRM VDRM VDRM VDRM VDRM ID(RMS) IFSM IDRM Pdiss Tj Value 600 600 600 400 400 400 100 1.2 2.0 300 125 Unit V V V V V V mA A A mW C
Coupler
Parameter Isolation voltage, 1.0 sec., per Standard Climate 23 C/50 % RH, DIN 50014 Creepage Clearance Isolation resistance VIO = 500 V, Tamb = 25 C VIO = 500 V, Tamb = 100 C Total power dissipation Storage temperature range Ambient temperature Junction temperature Lead soldering temperature 2.0 mm from case, t < 10 s RIO RIO Ptot Tstg Tamb Tj Tsld Test condition Symbol VISO Value 5300 Unit VRMS
7.0 7.0 1012 10
11
mm mm mW C C C C
330 - 55 to + 125 - 40 to + 100 100 260
www.vishay.com 2
Document Number 83631 Rev. 1.5, 26-Oct-04
VISHAY
Electrical Characteristics
IL440
Vishay Semiconductors
Tamb = 25 C, unless otherwise specified Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Parameter Forward voltage Reverse voltage Junction capacitance Test condition IF = 50 mA IR = 10 A VR = 0 V, f = 1.0 MHz Symbol VF VR Cj 5.0 50 Min Typ. 1.25 Max Unit V V pF
Output
Off- state output terminal voltage (see Table 1.) Parameter Peak on-state voltage Critical rate of rise of off-state voltage Test condition ITM = 100 mA, IFT = 30 mA IF = 0, VS = 240 VRMS IF = 30 mA, VS = 60 VRMS Symbol VTM dVcr/dt dVcrq/dt 0.13 Min Typ. 1.5 50 0.25 Max 3.0 Unit V V/s V/s
IFT and Blocking Voltage Selection1)
Bin number IL440-1 IL440-2 IL440-3 IL440-4 IL440-5 IL440-6
1)
BV (Volts) Max @ IDRM = 500 nA 600 600 600 400 400 400
IFT Max @ VT = 6 V, RL=150 15 10 5.0 15 10 5.0
Test voltage must be applied within dV/dt rating of 0.13 V/sec.
Coupler
Parameter Holding current Test condition IF 10 mA, VS 3.0 V Symbol IH Min Typ. 1.0 Max Unit mA
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1 This optocoupler is suitable for safe electrical isolation only within the safety ratings. Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
The device is used for protective separation agains electrical shock within the maximum safety ratings. This must be ensured by protective circuits in the applications. Parameter Forward voltage Test condition Symbol IS, INPUT Min Typ. Max 130 Unit mA
Output
Parameter Power dissipation Test condition Symbol PS, OUTPUT Min Typ. Max 300 Unit mW
Document Number 83631 Rev. 1.5, 26-Oct-04
www.vishay.com 3
IL440
Vishay Semiconductors Package Dimensions in Inches (mm)
pin one ID
VISHAY
3 .248 (6.30) .256 (6.50) 4
2
1
5
6
ISO Method A
.335 (8.50) .343 (8.70) .039 (1.00) Min. 4 typ. .018 (0.45) .022 (0.55)
i178004
.048 (0.45) .022 (0.55) .130 (3.30) .150 (3.81)
.300 (7.62) typ.
18 .031 (0.80) min. .031 (0.80) .035 (0.90) .100 (2.54) typ. 3-9 .010 (.25) typ. .300-.347 (7.62-8.81)
.114 (2.90) .130 (3.0)
Option 6
.407 (10.36) .391 (9.96) .307 (7.8) .291 (7.4) .028 (0.7) MIN.
Option 7
.300 (7.62) TYP .
Option 9
.375 (9.53) .395 (10.03) .300 (7.62) ref.
.180 (4.6) .160 (4.1) .0040 (.102)
.0098 (.249)
.315 (8.0) MIN. .014 (0.35) .010 (0.25) .400 (10.16) .430 (10.92) .331 (8.4) MIN. .406 (10.3) MAX.
.012 (.30) typ.
.020 (.51) .040 (1.02)
.315 (8.00) min.
15 max.
18450
www.vishay.com 4
Document Number 83631 Rev. 1.5, 26-Oct-04
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
IL440
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 83631 Rev. 1.5, 26-Oct-04
www.vishay.com 5


▲Up To Search▲   

 
Price & Availability of IL440-4X007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X